Part Number Hot Search : 
XN4506 1N5257B LT1777IS P90N20 74HCT4 12D05 74HC5 144FG
Product Description
Full Text Search
 

To Download 2N5632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2N5632 2N5633 2N5634
DESCRIPTION With TO-3 package Low collector saturation voltage High DC current gain APPLICATIONS For general-purpose power amplifier and switching applications
PINNING PIN 1 2 3 Base Emitter Fig.1 simplified outline (TO-3) and symbol Collector DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL

PARAMETER
VCBO
VCEO
HAN INC
Collector-emitter voltage Emitter-base voltage Collector current Total Power Dissipation Junction temperature Storage temperature
Collector-base voltage
SEM GE
2N5632 2N5633 2N5634 2N5632 2N5633 2N5634
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 100 120 140 100
UNIT
V
Open base
120 140
V
VEBO IC PD Tj Tstg
Open collector
7 10
V A W ae ae
TC=25ae
150 150 -65~200
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.1 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2N5632 VCEO(SUS) Collector-emitter sustaining voltage 2N5633 2N5634 VCEsat-1 VCEsat-2 VBEsat VBE Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter on voltage 2N5632 ICEO Collector cut-off current IC=7A; IB=0.7A IC=10A ;IB=2A IC=10A ;IB=2A IC=5A ; VCE=5V VCE=50V; IB=0 VCE=60V; IB=0 VCE=70V; IB=0 IC=0.2A ;IB=0 CONDITIONS
2N5632 2N5633 2N5634
SYMBOL
MIN 100 120 140
TYP.
MAX
UNIT
V
1.0 3.0 2.5 1.5
V V V V
ICEV IEBO
Collector cut-off current

2N5633
1.0
mA
2N5634
VCE=ratedVCB; VBE(off)=1.5V TC=150ae VEB=7V; IC=0
Emitter cut-off current
hFE
DC current gain
INCH
GE S AN
2N5632 2N5633 2N5634
EMIC
OND
25 20 15
TOR UC
1.0 5.0 1.0 100 80 60
mA mA
IC=5A ; VCE=5V
fT
Transition frequency
IC=1A ; VCE=20V
1.0
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N5632 2N5633 2N5634
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.10mm)
3


▲Up To Search▲   

 
Price & Availability of 2N5632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X